|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PULSEJACK Description: TM 2XN Gigstack Designed to support Vitesse/Cicada Transceivers www.pulseeng.com 10/100/1000 Base-TX RJ45 2XN Integrated Magnetics Connector without LEDs, designed to support such applications as: LAN-on-Motherboard (LOM), Hub and Switches. Features and Benefits: SimpliPHY'dTM magnetics, designed for CICADA's Gigabit PHY RJ45 2XN Tab-UP 10-pin RJ45 with internal magnetics Options: 2X4 and 2X6 10/100/1000 Base-TX Suitable for CAT 5 or 6 Fast Ethernet cable or better UTP Internal magnetics are 100% electrically tested for HI-POT and functionality Electrical Performance Summary: Internal magnetics options available Meets or exceeds IEEE 802.3ab standard for 1000Base-T 350 H minimum OCL with 8 mA bias current High performance for maximum EMI suppression Minimum 1500 Vrms isolation per IEEE 802.3 requirement Electrical Specifications @ 25C -- Operating Temperature 0C to +70C New 3 Part Number (Number of Ports) Insertion Loss TX/RX (dB TYP) 1-125 1-40 MHz IM Return Loss (dB TYP) 100 (15 ) 60 MHz 100 MHz 1-10 MHz IN Crosstalk (dB TYP) 30-60 MHz AR 60-100 MHz 1-50 MHz Y Common Mode Rejection (dB TYP) 50-130 MHz Hipot (MIN) @60 Hz 1 MIN PR EL JC0-0341 (2X4) JC0-0142 (2X6) -1.0 -1.0 -18 -18 -14 -14 -10 -10 -40 -40 -35 -35 -30 -30 -30 -30 -20 -20 1500 Vrms 1500 Vrms NOTES: 1. Both transmit and receive channels meet IEEE 802.3 specifications. 2. Different electrical and mechanical specifications can be accommodated. Contact Pulse Applications Engineering. RJ45 Durability Testing Rating Unmating Force (MAX) 5 lbs./2.268 kgs. Durability 750 Insertions Plug to Jack Retention (MIN) 20 lbs./9.072 kgs. Part Number JC Series Mating Force (MAX) 5 lbs./2.268 kgs. RJ45 Material Specification Part Number JC Series Shield Material Brass Finish 20-40 inches thick nickel over brass Material Phosphor Bronze Contact Plating Area 15 inches gold over 30-80 inches nickel Solder Area 75-300 inches tin-lead over 50-100 inches nickel Material Thermoplastic Housing Specification UL 94 V-0 Notes: 1. All connector part numbers starting with the series prefix JC comply to the above limits. 2. Connector dimensions comply with FCC dimension requirements. US 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Taiwan 886 2 2698 0228 * Hong Kong 852 2788 6588 * http://www.pulseeng.com 1 PRELIMINARY J417.P (8/04) PULSEJACK JC0-0341 TM 2XN Gigstack Designed to support Vitesse/Cicada Transceivers Mechanicals www.pulseeng.com PR E US 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Taiwan 886 2 2698 0228 * Hong Kong 852 2788 6588 * http://www.pulseeng.com PRELIMINARY J417.P (8/04) LIM 2 IN AR Y PULSEJACK JC0-0142 TM 2XN Gigstack Designed to support Vitesse/Cicada Transceivers Mechanicals www.pulseeng.com PR E US 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Taiwan 886 2 2698 0228 * Hong Kong 852 2788 6588 * http://www.pulseeng.com LIM 3 PRELIMINARY J417.P (8/04) IN AR Y PULSEJACK JC0-0341/JC0-0142 TM 2XN Gigstack Designed to support Vitesse/Cicada Transceivers Mechanicals www.pulseeng.com PR E For More Information : UNITED STATES (Worldwide) 12220 World Trade Drive San Diego, CA 92128 U.S.A. http://www.pulseeng.com TEL: 858 674 8100 FAX: 858 674 8262 UNITED KINGDOM (Northern Europe) 5 Huxley Road Surrey Research Park Guildford, Surrey GU2 5RE United Kingdom TEL: 44 1483 401700 FAX: 44 1483 401701 LIM FRANCE (Southern Europe) Zone Industrielle F-39270 Orgelet France TEL: 33 3 84 35 04 04 FAX: 33 3 84 25 46 41 IN Schematic SINGAPORE (Southern Asia) 150 Kampong Ampat #07-01/02 KA Centre Singapore 368324 TEL: 65 6287 8998 FAX: 65 6280 0080 AR TAIWAN, R.O.C. (Northern Asia) 3F-4, No. 81, Sec. 1 HsinTai Wu Road Hsi-Chih, Taipei Hsien Taiwan, R.O.C. Tel: 886 2 2698 0228 FAX: 886 2 2698 0948 Y HONG KONG (China/Hong Kong) 9/F, Phase 2, Tai Sang Shatin Warehouse Centre 6 Wong Chuk Yeung Street Fotan, Shatin, Hong Kong TEL: 852 2788 6588 FAX: 852 2776 1055 DISTRIBUTOR This is a "Preliminary" product data sheet. Products mentioned on this data sheet are in development and in the process of being qualified. These products are not fully released nor are they in production. Features, specifications and performance of products offered are subject to change without notice. Other brand and product names mentioned herein may be products and/or registered trademarks of their respective owners. For current information on this product, please contact the Pulse office nearest you and ask for the "LAN Applications Engineer." (c)2004, Pulse Engineering, Inc. All Rights Reserved. 4 PRELIMINARY J417.P (8/04) |
Price & Availability of JC0-0142 |